Part Number Hot Search : 
SF5511 FP6659PM BM1117 PWR160 H332M AC347 0ESS82 2SB1227
Product Description
Full Text Search
 

To Download 398 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROTECTORS CIRCUIT PROTECTORS
No. 398 / MP
Modul Protector (R) , 65 V leadfree
For Short Circuit Protection of Sensitive Electronic Components and Assemblies T ime-Current Characteristic
Medium Time Lag (M) cULus Recognized Maximum continuous current: IC > Ioperating max x F T time lag Maximum melting integral: I 2 t MP < I 2 t semiconductor (warm) Minimum fault current: IFault > 3 x I C Maximum fault current: IFault < 50A at 65VAC/DC
Specifications
Packaging Materials
000: Tape/Ammopack (1400 pcs.) Base/Cap: Brown Thermoplastic Polyamide PA 6.6, UL 94 V-0 Round Pins: Copper, Sn plated -40 C to +85 C (consider de-rating) -40 C/+85 C/21 days (EN 60068-1,-2-1,-2-2,-78) +10 C to +60 C relative humidity 75 % yearly average, without dew, maximum value for 30 days-95 % 24 cycles at 15 min. each (EN 60068-6) 10 - 60 Hz at 0.75 mm amplitude 60 - 2000 Hz at 10 g acceleration 10 N (EN 60068-2-21)
Approvals
Temperature Operating Temperature Climatic Category Stock Conditions
Operating Criteria
Dimensions (mm) 8,5
max. 8
max. 4
Vibration Resistance
0,5 min
18,8
0,6
1,5
Lead Pull Strength Solderability
5,08
1 +0,1
Features
Holes in PCB
For worldwide applications Reduced PCB space requirements Highly defined cut-off times Irreversible physical separation Low internal resistance Flame resistant encapsulated casing
260 C, 3 s (Wave) 350 C, 3 s (Soldering iron) 260C, 10 sec. (IEC 60068-2-20) , Type
Soldering Heat Resistance Marking Unit Weight
0.60 g (approx.)
125mA 250mA 315mA 400mA 500mA 630mA 800mA 1.00A 1.25A 1.60A 2.00A 2.50A 3.15A 4.00A
MP 13 MP 25 MP 32 MP 40 MP 50 MP 63 MP 80 MP100 MP125 MP160 MP200 MP250 MP315 MP400
0125 0250 0315 0400 0500 0630 0800 1100 1125 1160 1200 1250 1315 1400
65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V 65V
50A / 65 V AC/DC 50-60 Hz cos = 1.0
900 355 260 186 155 115 85 65 48 34 26 21 16 12
50 50 60 75 90 120 140 170 210 320 425 550 650 1000
0.0093 0.045 0.081 0.18 0.2 0.37 0.64 1.1 2.3 4.5 7.8 13 23 40
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
Order Information
032906
Qty.
OrderNumber
Series 398
Amp Code
Packaging
Specifications are subject to change without notice
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com
cURus
* * * * * * * * * * * * * *
Permissible continuous operating current is 10 0 % at ambient temperature of 23 C (73.4 F). 100 Continous Type Amp Voltage Fault Cold Resistance Power Dissipation Melting Integral Current Code Rating Current 0.1 x IC 1.0 x IC 10 x IC IC max. typ. (m) max. (mW) typ. (A2s)
Approvals
PROTECTORS CIRCUIT PROTECTORS
MP / No. 398
I-t Characteristics
(Min-Max Limit) Test value
Time (sec.)
00 0,0 10 ,00 10 0 0 1,0 0 10 0 10 1 0.1 1 0.0 01 0.0
1
1.5
2
3
4
5
6
7 8 9 10
15
IFault / I Rated
Contact Littelfuse for individual I-t curves
032906
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 398

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X